Part Number Hot Search : 
ESD3V MAX6698 MHR30V 73E20 E001913 E001913 MAX6698 73E20
Product Description
Full Text Search
 

To Download 53272 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 53272
POWER MOSFET OPTOCOUPLER 90V - 2.0A
Mii
MICROPAC INDUSTRIES MICROCIRCUITS PRODUCTS DIVISION
Features:
Applications:
* * * * * * * * * * *
Performance over -55C to +125C Compact Solid State Bi-directional Switch AC/DC Power Switching Maximum Average Current AC/DC: 1.0 A (1) DC only: 2.0 A (1) Optically Coupled Input/Output Isolation Tested to 1000 VDC High Level of Transient Immunity 3 A Output Surge Current Shock and Vibration Resistant MIL-PRF-38534 Electrically Similar to the 53124
* * * * * * * *
Satellite/Space systems Military/High Reliability Systems Standard 28 VDC and 48 VDC Load Driver Standard 24 VAC Load Driver Aircraft Controls AC/DC Electromechanical and Solid State Relay Replacement I/O Modules Switching Heaters
DESCRIPTION
The 53272 is a single channel power MOSFET optocoupler expanding upon the electrical performance of Mii P/N 53124 with reduced RDS(ON) and increased current capability. Performance is specified over the full military temperature range. Functionally, the device operates as a single-pole, normally open (1 Form A) solid-state relay. The device is actuated by an input current, which can be supplied from standard logic types such as open-collector TTL. The input current biases a light emitting diode that is optically coupled to an integrated photovoltaic diode array. The photovoltaic array powers control circuitry that operates the output MOSFETs. Optimum switching of either AC or DC loads is provided by a configurable output. For AC loads, Connection A in Figure 1 must be used. Connection A will also switch DC loads but Connection B, in Figure 1, provides DC-only operation with the advantages of substantial reduction in on-resistance and twice the output current capability as that obtained with Connection A.
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: microsales@micropac.com 5/19/06 Rev F
Pg. 1 of 9
53272 ABSOLUTE MAXIMUM RATINGS:
Power MOSFET Optocoupler
Storage Temperature Range ............................................................................................... -65C to +150C Operating Ambient Temperature - TA ................................................................................... -55C to +125C Junction Temperature - TJ ................................................................................................................. +150C Operating Case Temperature - Tc ................................................................................................. +145C (2) Lead Solder Temperature for 10 seconds ............................................................................................ +260C (1.6 mm below seating plane) Average Input Current - IF ................................................................................................................. 20 mA Peak Repetitive Input Current - IFpk .................................................................................................... 40 mA (Pulse width < 100 ms; duty cycle < 50%) Peak Surge Input Current - IFpk surge .............................................................................................. 100 mA (Pulse width < 0.2 ms; duty cycle < 0.1%) Reverse Input Voltage - VR ...................................................................................................................... 5 V Average Output Current Connection A - IO ............................................................................................................................ 1.0 A (1) Connection B - IO .......................................................................................................................... 2.0 A (1) Average Output Current, derated per Figure 3 Connection A - IO ............................................................................................................................. 0.8 A Connection B - IO ............................................................................................................................. 1.6 A Single Shot Output Current - Figure 4 Connection A - IOpk surge (Pulse width < 10 ms) ............................................................................... 4 A Connection B - IOpk surge (Pulse width < 10 ms) ............................................................................... 8 A Output Voltage Connection A - VO ........................................................................................................... -90 V to +90 V Connection B - VO ............................................................................................................... 0 V to +90 V Average Output Power Dissipation - Figure 5 ............................................................................ 800 mW (3)
RECOMMENDED OPERATING CONDITIONS: Parameter Input Current (ON) Input Voltage (OFF) Operating Temperature Symbol IF (ON) VF (OFF) TA Min. 5 0 -55 Max. 20 0.6 +125 Units mA VDC C
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: microsales@micropac.com 5/19/06 Rev F
Pg. 2 of 9
53272
Power MOSFET Optocoupler
ELECTRICAL SPECIFICATIONS TA = -55C to +125C, unless otherwise specified. Parameter Symbol Min. Typ.* Max. Unit s V Test Conditions VF = 0.6 V IO = 10 A IF = 10 mA IO = 1 A (pulse duration 30 ms) IF = 10 mA IO = 1 A (pulse duration 30 ms) VF = 0.6 V VO = 90 V IF = 10 mA IF = 10 A RH 45%, t = 5 s VI-O = 1000 VDC TA = 25C IF = 10 mA VDD = 28 V IO = 800 mA I F = 10 mA VDD = 28 V IO = 800 mA 5, 6 Notes
Output Withstand Voltage Output On-Resistance (Connection A)
VO(OFF)
90
110
.40 R(ON)
.68
Output On-Resistance (Connection B) Output Leakage Current Input Forward Voltage Input Reverse Breakdown Voltage Input-Output Insulation IO (OFF) VF VR II-O 1.0 5
0.10
0.18
4, Figure 1
10-4 1.7
10 2.1
A V V
1
A
Turn-On Time
tON
2.0
8
ms
Figure 6 Figure 6
Turn-Off time
tOFF
0.3
ms
* All typical values are at TA = 25C, IF (ON) = 10 mA, VF (OFF) = 0.6 V unless otherwise specified.
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: microsales@micropac.com 5/19/06 Rev F
Pg. 3 of 9
53272
Power MOSFET Optocoupler
TYPICAL CHARACTERISTICS All typical values are at TA = 25C, IF (ON) = 10 mA, VF (OFF) = 0.6 V unless otherwise specified. Parameter Output Off-Capacitance Output Offset Voltage Input Diode Temperature Coefficient Input Capacitance Input-Output Capacitance Input-Output Resistance Notes: 1. Maximum average current rating where the case temperature (TC) is maintained below 120C. 2. Maximum junction to case thermal resistance for the device is 15C/W, where case temperature (TC) is measured at the center of the package bottom. 3. For rating, see Figure 5. The output power PD rating curve is obtained when the part is handling the maximum average output current IO as shown in Figure 3. 4. During the pulsed RON measurement (IO duration < 30 ms), ambient (TA) and case temperature (TC) are equal. 5. Pins 2 through 3 shorted together and pins 5 through 8 shorted together. 6. This is a momentary withstand test, not an operating condition. 7. VOS is a function of IF and is defined between pins 5 and 8, with pin 5 as the reference. VOS must be measured in a stable ambient (free of temperature gradients). 8. Zero-bias capacitance measured between the LED anode and cathode. CAUTION: Care should be taken not to exceed the maximum output power dissipation, maximum case temperature, and maximum junction temperature when repetitively switching loads. Symbol CO (OFF) VOS VF /TA CIN CI-O RI-O Test Conditions VO = 28 V f = 1 MHz IF = 10 mA IO = 0 mA IF = 10 mA VF = 0 V f = 1 MHz VI-O = 0 V f = 1 MHz VI-O = 500 V t = 60 s Typical Value 145 2 -1.4 20 1.5 1013 Units pF V mV/C pF pF 8 5 5 7 Notes
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: microsales@micropac.com 5/19/06 Rev F
Pg. 4 of 9
53272
Power MOSFET Optocoupler
Case Outlines Terminal number
P, X and Y Terminal symbol Connection A (AC or DC load) Connection B (DC load only) NC VF+ VFNC VO+ NC NONO+
1 2 3 4 5 6 7 8 NC = No Connection
NC VF+ VFNC VONC NC VO+
CONNECTION A AC/DC CONNECTION IO IF + VF 1 8
CONNECTION B DC CONNECTION IO IF + VF 1 8
+
+ VO -
2
7
2
7
VO
3 6
3
6
4
5
-
4
5
Figure 1 - Terminal Connections
INPUT OFF ON
OUTPUT OFF ON
Figure 2 - Truth Table
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: microsales@micropac.com 5/19/06 Rev F
Pg. 5 of 9
53272
Power MOSFET Optocoupler
I OPK- SURGE - OUTPUT CURRENT - A
7 6
IF 10 mA CONNECTION - B
5 4 CONNECTION - A 3 2 1 10
100 PULSE DURATION - ms
1000
Figure 4. Single Shot (nonrepetitive) Output Current vs. Pulse Duration.
1.0 0.8
P D - OUTPUT POWER DISSIPATION - W
0.6 0.4 0.2 0 -55 CONNECTION - A IF 10 mA __ CA= 40C/W - - CA= 80C/W -25 5 35 65 95 125 155
TA - AMBIENT TEMPERATURE - C
Figure 5. Output Power Rating vs. Ambient Temperature.
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: microsales@micropac.com 5/19/06 Rev F
Pg. 6 of 9
53272
PULSE GEN (SEE NOTE 1)
Power MOSFET Optocoupler
V DD
RL
1 8
IF + VF IF MONITOR RM 200
2 7
VO MONITOR NODE C L = 25 pF
(SEE NOTE 2)
3
6
4
5
GND 50%
GND
50% IF PULSE = 15 ms WIDTH VO 10%
90%
t
ON
t OFF
NOTES: 1. PULSE GENERATOR HAS THE FOLLOWING CHARACTERISTICS: OUTPUT IMPEDANCE = 50 AND t r = t f = 5.0 ns. 2. LOAD CAPACITANCE (C L) INCLUDES PROBE AND JIG CAPACITANCE.
Figure 6. Switching Test Circuit and Waveform.
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: microsales@micropac.com 5/19/06 Rev F
Pg. 7 of 9
53272
Power MOSFET Optocoupler
V 1 IF 8 CM RM
M
MONITOR NODE
INPUT OPEN
+
VF
2
7
-
3
6
4
5
VO(PEAK) +
PULSE GENERATOR
90%
VO(PEAK)
90%
10%
10%
tr
tf
VM (MAX) < 5V
d VO dt
=
(0.8) V O (PEAK) tr
OR
(0.8) VO (PEAK) tf
OVERSHOOT ON V O (PEAK) IS TO BE < 10%
NOTES: 1. C M INCLUDES PROBE AND FIXTURE CAPACITANCE. 2. R M INCLUDES PROBE AND FIXTURE RESISTANCE.
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: microsales@micropac.com 5/19/06 Rev F
Pg. 8 of 9
53272 Package Dimensions
Power MOSFET Optocoupler
.645 MAX .300
31757 USA 53272-XXX XXXX XXXX
.800 MIN. .395 MAX.
.100 .016.002 8X
.095 MAX. .005 8X
Ordering Information 53272E 53272-102 Engineering Unit Non-Rad Version ETU Rad Version No Screening Rad Version Screened to H + PIND TBD
53272-108 53272-XXX
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: microsales@micropac.com 5/19/06 Rev F
Pg. 9 of 9


▲Up To Search▲   

 
Price & Availability of 53272

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X